Part Number Hot Search : 
20215 HCT10 KDV214 RL204 P0720EC ZMM5260 T026MD 40N03
Product Description
Full Text Search
 

To Download NTMFS4935N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTMFS4935N Power MOSFET
Features
30 V, 93 A, Single N-Channel, SO-8 FL
* * * *
Low RDS(on) to Minimize Conduction Losses Low Capacitance to Minimize Driver Losses Optimized Gate Charge to Minimize Switching Losses These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS Compliant
http://onsemi.com
V(BR)DSS 30 V RDS(ON) MAX 3.2 mW @ 10 V 4.2 mW @ 4.5 V 93 A ID MAX
Applications
* CPU Power Delivery, DC-DC Converters
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Continuous Drain Current RqJA (Note 1) Power Dissipation RqJA (Note 1) Continuous Drain Current RqJA 10 s (Note 1) Power Dissipation RqJA 10 s (Note 1) Continuous Drain Current RqJA (Note 2) Power Dissipation RqJA (Note 2) Continuous Drain Current RqJC (Note 1) Power Dissipation RqJC (Note 1) Pulsed Drain Current Steady State TA = 25C TA = 100C TA = 25C TA = 25C TA = 100C TA = 25C TA = 25C TA = 100C TA = 25C TC = 25C TC = 85C TC = 25C TA = 25C, tp = 10 ms TA = 25C
MAXIMUM RATINGS (TJ = 25C unless otherwise stated)
Symbol VDSS VGS ID PD ID PD ID PD ID PD IDM IDmax TJ, TSTG IS dV/dt EAS Value 30 20 21.8 13.8 2.63 40 25 8.7 W W A Unit V V A
D (5,6)
G (4) S (1,2,3) N-CHANNEL MOSFET
13 8.2 0.93 93 59 48 275 100 -55 to +150 44 6 126.1
A
1
MARKING DIAGRAM
D SO-8 FLAT LEAD CASE 488AA STYLE 1 S S S G 4935N AYWWG G D D
W A
D
W A A C
Current Limited by Package Operating Junction and Storage Temperature Source Current (Body Diode) Drain to Source DV/DT
A = Assembly Location Y = Year WW = Work Week G = Pb-Free Package (Note: Microdot may be in either location)
ORDERING INFORMATION
A V/ns mJ Device NTMFS4935NT1G NTMFS4935NT3G Package SO-8 FL (Pb-Free) SO-8 FL (Pb-Free) Shipping 1500 / Tape & Reel 5000 / Tape & Reel
Single Pulse Drain-to-Source Avalanche Energy TJ = 25C, VDD = 30 V, VGS = 10 V, IL = 29 Apk, L = 0.3 mH, RG = 25 W Lead Temperature for Soldering Purposes (1/8 from case for 10 s)
TL
260
C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Surface-mounted on FR4 board using 1 sq-in pad, 1 oz Cu. 2. Surface-mounted on FR4 board using the minimum recommended pad size.
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2009
August, 2009 - Rev. 4
1
Publication Order Number: NTMFS4935N/D
NTMFS4935N
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter Junction-to-Case (Drain) Junction-to-Ambient - Steady State (Note 3) Junction-to-Ambient - Steady State (Note 4) Junction-to-Ambient - (t 10 s) (Note 3) 3. Surface-mounted on FR4 board using 1 sq-in pad, 1 oz Cu. 4. Surface-mounted on FR4 board using the minimum recommended pad size. Symbol RqJC RqJA RqJA RqJA Value 2.6 47.5 134.8 14.4 C/W Unit
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise specified)
Parameter OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage Drain-to-Source Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current V(BR)DSS V(BR)DSS/ TJ IDSS IGSS VGS(TH) VGS(TH)/TJ RDS(on) VGS = 10 V VGS = 4.5 V Forward Transconductance gFS CISS COSS CRSS QG(TOT) QG(TH) QGS QGD QG(TOT) td(ON) tr td(OFF) tf VGS = 4.5 V, VDS = 15 V, ID = 15 A, RG = 3.0 W VGS = 10 V, VDS = 15 V; ID = 30 A VGS = 4.5 V, VDS = 15 V; ID = 30 A VGS = 0 V, f = 1 MHz, VDS = 15 V ID = 30 A ID = 15 A ID = 30 A ID = 15 A VDS = 1.5 V, ID = 15 A CHARGES, CAPACITANCES & GATE RESISTANCE Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Threshold Gate Charge Gate-to-Source Charge Gate-to-Drain Charge Total Gate Charge SWITCHING CHARACTERISTICS (Note 6) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time 16.3 20 27.5 6.6 ns 3579 1264 39 22 5.6 10.2 3.0 49.4 nC nC 4850 1710 59 pF VGS = 0 V, VDS = 24 V TJ = 25C TJ = 125C VGS = 0 V, ID = 250 mA 30 15 1.0 10 100 V mV/C mA nA Symbol Test Condition Min Typ Max Unit
Gate-to-Source Leakage Current ON CHARACTERISTICS (Note 5) Gate Threshold Voltage Negative Threshold Temperature Coefficient Drain-to-Source On Resistance
VDS = 0 V, VGS = 20 V VGS = VDS, ID = 250 mA 1.2 1.63 4.0 2.7 2.7 3.7 3.7 32
2.0
V mV/C
3.2 mW
4.2
S
5. Pulse Test: pulse width v 300 ms, duty cycle v 2%. 6. Switching characteristics are independent of operating junction temperatures.
http://onsemi.com
2
NTMFS4935N
ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise specified)
Parameter SWITCHING CHARACTERISTICS (Note 6) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time DRAIN-SOURCE DIODE CHARACTERISTICS Forward Diode Voltage VSD tRR ta tb QRR LS LD LG RG TA = 25C VGS = 0 V, dIS/dt = 100 A/ms, IS = 30 A VGS = 0 V, IS = 30 A TJ = 25C TJ = 125C 0.85 0.72 44.4 21.6 22.8 45 nC ns 1.1 V td(ON) tr td(OFF) tf VGS = 10 V, VDS = 15 V, ID = 15 A, RG = 3.0 W 11.2 18.7 28.3 12.1 ns Symbol Test Condition Min Typ Max Unit
Reverse Recovery Time Charge Time Discharge Time Reverse Recovery Charge PACKAGE PARASITIC VALUES Source Inductance Drain Inductance Gate Inductance Gate Resistance
0.65 0.005 1.84 1.1 2.0
nH nH nH W
5. Pulse Test: pulse width v 300 ms, duty cycle v 2%. 6. Switching characteristics are independent of operating junction temperatures.
http://onsemi.com
3
NTMFS4935N
TYPICAL CHARACTERISTICS
180 160 ID, DRAIN CURRENT (A) 140 120 100 80 60 40 20 0 0 1 2 160 VGS = 4.0 V 3.8 V 3.6 V 3.4 V 3.2 V 3.0 V 2.8 V 2.6 V 3 2.4 V 4 TJ = 25C ID, DRAIN CURRENT (A) 140 120 100 80 60 40 20 0 1.0 1.5 TJ = 25C VDS = 10 V
10 V 7V 4.5
4.2 V
TJ = 125C TJ = -55C 2.0 2.5 3.0 3.5 4.0 VGS, GATE-TO-SOURCE VOLTAGE (V)
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
Figure 1. On-Region Characteristics
RDS(on), DRAIN-TO-SOURCE RESISTANCE (W) RDS(on), DRAIN-TO-SOURCE RESISTANCE (W) 0.014 0.013 0.012 0.011 0.010 0.009 0.008 0.007 0.006 0.005 0.004 0.003 0.002 2.0 0.0050 0.0048 0.0046 0.0044 0.0042 0.0040 0.0038 0.0036 0.0034 0.0032 0.0030 0.0028 0.0026 0.0024 0.0022 0.0020
Figure 2. Transfer Characteristics
ID = 30 A TJ = 25C
TJ = 25C VGS = 4.5 V
VGS = 10 V
3.0
4.0
5.0
6.0 VGS (V)
7.0
8.0
9.0
10
20
40
60
80
100
120
140
160
ID, DRAIN CURRENT (A)
Figure 3. On-Resistance vs. VGS
1.9 1.8 ID = 30 A 1.7 VGS = 10 V 1.6 1.5 1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 -50 -25 0 10,000
Figure 4. On-Resistance vs. Drain Current and Gate Voltage
VGS = 0 V TJ = 150C IDSS, LEAKAGE (nA) 1000 TJ = 125C TJ = 85C 100
RDS(on), DRAIN-TO-SOURCE RESISTANCE (NORMALIZED)
25
50
75
100
125
150
10
5
10
15
20
25
30
TJ, JUNCTION TEMPERATURE (C)
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
Figure 5. On-Resistance Variation with Temperature
Figure 6. Drain-to-Source Leakage Current vs. Voltage
http://onsemi.com
4
NTMFS4935N
TYPICAL CHARACTERISTICS
4500 4000 C, CAPACITANCE (pF) 3500 3000 2500 2000 1500 1000 500 0 0 5 10 Crss 15 20 25 30 VDS, DRAIN-TO-SOURCE VOLTAGE (V) Coss Ciss 11 10 9 8 7 6 5 4 3 2 1 0 Qgs Qgd TJ = 25C VDD = 15 V VGS = 10 V ID = 30 A 10 15 20 25 30 35 40 45 50 QT
VGS = 0 V TJ = 25C
VGS, GATE-TO-SOURCE VOLTAGE (V)
0
5
Qg, TOTAL GATE CHARGE (nC)
Figure 7. Capacitance Variation
1000 IS, SOURCE CURRENT (A) VDD = 15 V ID = 15 A VGS = 10 V t, TIME (ns) 100 td(off) tf tr td(on) 10 30 25 20 15 10
Figure 8. Gate-to-Source and Drain-to-Source Voltage vs. Total Charge
VGS = 0 V
TJ = 125C
TJ = 25C 5 0
1
1
10 RG, GATE RESISTANCE (W)
100
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VSD, SOURCE-TO-DRAIN VOLTAGE (V)
Figure 9. Resistive Switching Time Variation vs. Gate Resistance
EAS, SINGLE PULSE DRAIN-TO- SOURCE AVALANCHE ENERGY (mJ) 1000 100 10 1 0.1 0.01 0.01 0 VGS 20 V Single Pulse TC = 25C RDS(on) Limit Thermal Limit Package Limit 0.1 1 10 130 120 110 100 90 80 70 60 50 40 30 20 10 0
Figure 10. Diode Forward Voltage vs. Current
ID = 29 A
ID, DRAIN CURRENT (A)
10 ms 100 ms 1 ms 10 ms
dc 100
25
50
75
100
125
150
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
TJ, STARTING JUNCTION TEMPERATURE (C)
Figure 11. Maximum Rated Forward Biased Safe Operating Area
Figure 12. Maximum Avalanche Energy vs. Starting Junction Temperature
http://onsemi.com
5
NTMFS4935N
TYPICAL CHARACTERISTICS
1000 100 R(t) (C/W) 10 1 0.1 0.01 Single Pulse 0.000001 0.00001 0.0001 0.001 0.01 PULSE TIME (sec) 0.1 1 10 100 1000 Duty Cycle = 50% 20% 10% 5% 2% 1%
Figure 13. Thermal Response
70 60 50 GFS (S) 40 30 20 10 0 0 10 20 30 40 50 ID (A) 60 70 80 90 100
Figure 14. GFS vs. ID
http://onsemi.com
6
NTMFS4935N
PACKAGE DIMENSIONS
DFN5 5x6, 1.27P (SO-8FL) CASE 488AA-01 ISSUE D
0.20 C D 2 D1 A B
2X
2X
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION D1 AND E1 DO NOT INCLUDE MOLD FLASH PROTRUSIONS OR GATE BURRS. DIM A A1 b c D D1 D2 E E1 E2 e G K L L1 M q MILLIMETERS MIN NOM MAX 0.90 1.00 1.10 0.00 --- 0.05 0.33 0.41 0.51 0.23 0.28 0.33 5.15 BSC 4.50 4.90 5.10 3.50 --- 4.22 6.15 BSC 5.50 5.80 6.10 3.45 --- 4.30 1.27 BSC 0.51 0.61 0.71 0.51 --- --- 0.51 0.61 0.71 0.05 0.17 0.20 3.00 3.40 3.80 0_ --- 12 _
0.20 C E1 2 E c
4X
q
A1
1
2
3
4
TOP VIEW
3X
C
SEATING PLANE
0.10 C A 0.10 C SIDE VIEW
8X
e
DETAIL A
DETAIL A
SOLDERING FOOTPRINT*
1.270
3X
b e/2
1 4
0.750
4X
STYLE 1: PIN 1. SOURCE 2. SOURCE 3. SOURCE 4. GATE 5. DRAIN
0.10 0.05
CAB c L
1.000
4X
K 1.330
PIN 5 (EXPOSED PAD)
0.965 0.905
2X 2X
E2 L1
M
0.495 3.200 0.475
2X
4.530
G
D2 BOTTOM VIEW 1.530 4.560 *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
7
NTMFS4935N/D


▲Up To Search▲   

 
Price & Availability of NTMFS4935N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X